PART |
Description |
Maker |
ISL9021AIRUFZ-T ISL9021AIIBZ-T ISL9021AIICZ-T ISL9 |
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO 1.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6
|
Intersil Corporation
|
ISL9021AIICZ-EVZ |
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
|
Renesas Electronics Corporation
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
ISL9021IRU3Z-T ISL9021IRU4Z-T ISL9021IICZ-T ISL902 |
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
|
Intersil Corporation
|
MC34270FB |
Single Output LDO, 250mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 -40 to 85
|
Motorola, Inc.
|
AAT3223IGU-2.8-T1 AAT3223IGU-3.3-T1 AAT3223 AAT322 |
250mA NanoPower⑩ LDO Linear Regulator with Power-OK 250mA NanoPower垄芒 LDO Linear Regulator with Power-OK 250mA NanoPower LDO Linear Regulator with Power-OK
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
SGM2022-15 |
Dual, Low Dropout, 250mA LDO Regulator
|
SG Micro Corp
|
SGM2122-SYN6G SGM2122-SYN6GTR SGM2122-MYN6G SGM212 |
Dual, Low Dropout, 250mA LDO Regulators
|
Shengbang Microelectronics ... Shengbang Microelectron...
|
MIC2954 MIC2954-02BS MIC2954-02BT MIC2954-02BZ MIC |
250mA Low-Dropout Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO3 250mA Low-Dropout Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM3
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
SSTUA32864EG SSTUA32864 SSTUA32864EC |
1.8 V configurable registered buffer for DDR2-667 RDIMM applications Linear Voltage Regulator IC; Package/Case:8-MSOP; Current Rating:250mA; Leaded Process Compatible:No; Output Voltage Max:2.8V; Peak Reflow Compatible (260 C):No; Reel Quantity:2500; Voltage Regulator Type:Low Dropout (LDO) Linear Voltage Regulator IC; Package/Case:8-MSOP; Current Rating:250mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No; Reel Quantity:2500; Voltage Regulator Type:Low Dropout (LDO) Linear Voltage Regulator IC; Package/Case:8-MSOP; Current Rating:250mA; Leaded Process Compatible:No; Output Voltage Max:2.5V; Peak Reflow Compatible (260 C):No; Reel Quantity:2500; Voltage Regulator Type:Low Dropout (LDO)
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
HT7344-3 HT7321-3 HT7323-3 HT7325-3 HT7327-3 HT733 |
30V, 250mA TinyPowerTM LDO
|
Holtek Semiconductor In...
|
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
|